Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK-SATA-015-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-SATA-015-R
Description  Serial ATA (SATA) Connection Cable - 0.15 Meter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-SATA-015-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-SATA-015-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIS DRAWING IS UNPUBLISHED
©Copyright 2011 by Assmann WSW components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
RoHS
Compliant
ITEM NO.
TITLE
AK-SATA-015-R
Serial ATA (SATA) Connection Cable - 0.15 Meter
Unit: MM±0.25MM
Material:
• Cable: UL2725 [26AWG(1/0.404)*2+D(1/0.32)*2+AL]*2F
- OD 2.2*7.8MM
- Jacket Red (RD-16#)
• P1 & P2 Connectors: Serial ATA 7-pin/Female Crimp Type
- Pin 15—”
- Insulator Black
• Jacket: PVC 45P, Black
• Unplug/Plug cycles is 50 times
Electrical:
• 100% Open, Short, MisWire Test
• Contact Resistance: 1
Min.
• Insulation Resistance: 10M
Min.
• Hi-Pot 300V DC/0.1 Sec
150MM±10MM
P1
Pin 1
Pin 7
P2
Pin 7
Pin 1
Pin Assignment
GND
GND
GND
P1
1
2
3
4
5
6
7
P2
1
2
3
4
5
6
7


Similar Part No. - AK-SATA-015-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-SATA-030-R ASSMANN-AK-SATA-030-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-030DL ASSMANN-AK-SATA-030DL Datasheet
386Kb / 1P
ASS 7253 CA
AK-SATA-050DL ASSMANN-AK-SATA-050DL Datasheet
386Kb / 1P
ASS 7253 CA
AK-SATA-075-R ASSMANN-AK-SATA-075-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-075DL ASSMANN-AK-SATA-075DL Datasheet
386Kb / 1P
ASS 7253 CA
More results

Similar Description - AK-SATA-015-R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SATAAPLSMT ADAM-TECH-SATAAPLSMT Datasheet
129Kb / 1P
SATA CONNECTORS SERIAL ATA
logo
Assmann Electronics Inc...
AK-SATA-030-R ASSMANN-AK-SATA-030-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-075-R ASSMANN-AK-SATA-075-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-100-R ASSMANN-AK-SATA-100-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-SP-050 ASSMANN-AK-SATA-SP-050 Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply Connection Cable
AK-SATA-SP-075-R ASSMANN-AK-SATA-SP-075-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
AK-SATA-SP-100-R ASSMANN-AK-SATA-SP-100-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
logo
Tripp Lite. All Rights ...
P94008I TRIPPLITE-P94008I Datasheet
480Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin-7Pin), 8-in
logo
Adam Technologies, Inc.
SATA-D-PL-SMT-S ADAM-TECH-SATA-D-PL-SMT-S Datasheet
95Kb / 1P
SATA CONNECTORS SERIAL ATA
logo
Tripp Lite. All Rights ...
P940-08I TRIPPLITE-P940-08I Datasheet
158Kb / 2P
Serial ATA (SATA) Latching Signal Cable (7Pin/7Pin), 8-in.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com