Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK-SATA-PC-015-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-SATA-PC-015-R
Description  Serial ATA Power Supply Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-SATA-PC-015-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-SATA-PC-015-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.29.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK-SATA-PC-015-R
Serial ATA Power Supply Cable
15-pin SATA Female <=> 4-pin ATX Female
Complaint
RoHS
rev00
Material:
• Cable: UL1007 18AWG(41/0.16 TC)
- OD: 2.0MM
• P1 Connector: SATA 15-pin/Female
- Crimp Type
- Insulator: Black PBT
- PVC 45P Black / Clear HD-PE
• P2 Connector: Big 4Pin Female Housing
- PH: 5.08MM
- White
- Terminal Male, Tin Plated
Electrical:
• 100% short, open, miswire test
• Hi-Pot test: 300V DC
P1
P2
3.5MM
6.6MM
4
1
152MM±15MM
90MM
PIN ASSIGNMENT
P1
P2
YELLOW
BLACK
BLACK
RED
1
2
3
4
1
2
3
4
5
6
10
11
12
7
8
9


Similar Part No. - AK-SATA-PC-015-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-SATA-015-R ASSMANN-AK-SATA-015-R Datasheet
62Kb / 1P
Serial ATA (SATA) Connection Cable - 0.15 Meter
AK-SATA-030-R ASSMANN-AK-SATA-030-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
AK-SATA-030DL ASSMANN-AK-SATA-030DL Datasheet
386Kb / 1P
ASS 7253 CA
AK-SATA-050DL ASSMANN-AK-SATA-050DL Datasheet
386Kb / 1P
ASS 7253 CA
AK-SATA-075-R ASSMANN-AK-SATA-075-R Datasheet
77Kb / 1P
Serial ATA (SATA) Connection
More results

Similar Description - AK-SATA-PC-015-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687820002 MOLEX8-0687820002 Datasheet
119Kb / 2P
External Serial ATA-to-External Serial ATA Cable Assembly, Straight Overmold, 2.0m(6.56 ) Cable Length
0687820001 MOLEX8-0687820001 Datasheet
182Kb / 3P
External Serial ATA-to-External Serial ATA Cable Assembly, Straight Overmold, 1.0m (3.28 ) Cable Length
logo
Assmann Electronics Inc...
AK-SATA-015-R ASSMANN-AK-SATA-015-R Datasheet
62Kb / 1P
Serial ATA (SATA) Connection Cable - 0.15 Meter
AK-SATA-SP-050 ASSMANN-AK-SATA-SP-050 Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply Connection Cable
AK-SATA-SP-075-R ASSMANN-AK-SATA-SP-075-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
AK-SATA-SP-100-R ASSMANN-AK-SATA-SP-100-R Datasheet
84Kb / 1P
Serial ATA (SATA) to Power Supply
logo
Molex Electronics Ltd.
63902-8100 MOLEX11-63902-8100 Datasheet
49Kb / 1P
FineAdjust Applicator for Serial ATA Power Cable Receptacle Terminals
logo
Adam Technologies, Inc.
SATA-A-PL-SMT-K ADAM-TECH-SATA-A-PL-SMT-K Datasheet
121Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
SERIAL ATA CONNECTOR
logo
Molex Electronics Ltd.
0639028100 MOLEX-0639028100 Datasheet
33Kb / 1P
FineAdjust Applicator for Serial ATA Power Cable Receptacle Terminals
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com