Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49UX Datasheet(PDF) 1 Page - ECS, Inc.

Part # HC49UX
Description  The HC-49UX is an "AT" cut resistance weld type Thru Hole quartz crystal.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

HC49UX Datasheet(HTML) 1 Page - ECS, Inc.

  HC49UX Datasheet HTML 1Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HC-49UX
Quartz Crystal
The HC-49UX is an "AT" cut resistance weld type Thru Hole
quartz crystal.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
HC-49UX
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
fo
Co
Specify in P/N
Standard
@ +25°C ±3°C
at +25°C
Standard -10 to +70°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (First Year)
Frequency Tolerance
Frequency Stability ref @ 25°C
Shunt Capacitance
Load Capacitance (CL)
Drive Level
1.800
10
MHz
°C
°C
pF
pF
mW
ppm
ppm
ppm
1.800 ~ 1.999
2.000 ~ 2.399
2.400 ~ 2.999
3.000 ~ 3.199
3.200 ~ 3.699
3.700 ~ 4.199
4.200 ~ 4.899
4.900 ~ 4.999
5.000 ~ 5.999
6.000 ~ 7.999
8.000 ~ 9.999
10.000 ~ 12.499
12.500 ~ 15.999
16.000 ~ 30.000
30.000 ~ 100.000
100.00
± 30
± 50
7
Series
1.0
-10
-55
+70
+125
±5
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd Overtone
750
500
300
200
120
100
70
55
50
40
35
30
25
20
40
PACKAGE DIMENSIONS (mm)
Figure 1) Side and Bottom views
PART NUMBERING GUIDE: Example ECS-200-20-1X
Custom Options
Cost effective
Excellent Aging
"AT" cut crystal
Wide frequency range
Pb Free/RoHS Compliant
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
Stability
Temp Range
1X = HC-49UX
A= ±25 ppm
C= ±10 ppm
D= ±100 ppm
E= ±50 ppm
G= ±30 ppm
H= ±25 ppm
K= ±10 ppm
L= -10 ~ +70°C
M= -20 ~ +70°C
N= -40 ~ +85°C
P= -40 ~ +105°C
S= -40 ~ +125°C
U= -55 ~+125°C
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20


Similar Part No. - HC49UX

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC49U AURIS-HC49U Datasheet
72Kb / 1P
Quartz THT
logo
Fox Electronics
HC49U FOX-HC49U Datasheet
61Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
logo
MTRONPTI
HC49U MTRONPTI-HC49U Datasheet
308Kb / 2P
Surface Mount Crystals
logo
Vanlong Technology Co.,...
HC49U VANLONG-HC49U Datasheet
34Kb / 1P
Miniature Resistance Weld Crystal
logo
auris-GmbH
HC49U AURIS-HC49U Datasheet
63Kb / 1P
Quartz THT
More results

Similar Description - HC49UX

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49U FOX-HC49U Datasheet
61Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
HC80U FOX-HC80U Datasheet
65Kb / 1P
RESISTANCE WELD THRU-HOLE CRYSTAL
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXLF036S FOX-FOXLF036S Datasheet
161Kb / 2P
Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_14 Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-040A FOX-FOXSLF-040A Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
FOXSLF-080-20 FOX-FOXSLF-080-20 Datasheet
134Kb / 2P
Resistance Weld Thru-Hole Crystal
logo
ECS, Inc.
HC-46X ECS-HC-46X_17 Datasheet
511Kb / 2P
miniature low profile resistance weld type Thru Hole quartz crystal
HC-49USX ECS-HC-49USX_17 Datasheet
534Kb / 2P
low profile resistance weld type Thru Hole quartz crystal
HC-49UX ECS-HC-49UX_17 Datasheet
510Kb / 3P
The HC-49UX is an AT cut resistance weld type Thru Hole quartz crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com