Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF130 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASF130
Description  3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF130 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASF130 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF130 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF130 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF130 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF130 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF130 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF130 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF130 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASF130 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
ASB Inc.
 sales@asb.co.kr
July
2014
ASF130
3.2
Performance Table
Supply voltage = +3 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
70
150
300
450
900
MHz
Gain
16.8
16.6
16.5
16.4
15.8
dB
S11
-17.0
-19.5
-19.0
-18.0
-13.5
dB
S22
-17.0
-18.0
-18.0
-17.0
-12.5
dB
Noise Figure
2.4
2.5
2.5
2.5
2.6
dB
Output IP31)
33.0
34.0
34.0
31.5
29.0
dBm
Output P1dB
17.5
17.5
17.5
17.5
17.0
dBm
Current
53
mA
Device Voltage
+3
V
1) OIP3 is measured with two tones at the output power of +3 dBm/tone separated by 1 MHz.
3.3
Plot of S-parameter & Stability Factor
0
200
400
600
800
1000
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com