Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL19C Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL19C
Description  5 ~ 3000 MHz High Linearity LNA MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19C Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL19C Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
March 2015
ASL19C
5 ~ 3000 MHz High Linearity LNA MMIC
RF IN
RF OUT
ASL19C
Vsupply=+5 V
C1=1
F
C2=1
F
L1=1
H
C4=10
F
R1=1 k
RD=15 
RB=6.8 k
(LQH31CN1R0M03)
RF IN
RF OUT
ASL19C
Vsupply=+5 V
C1=1
F
C2=1
F
L1=1
H
C4=10
F
R1=1 k
RD=15 
RB=6.8 k
(LQH31CN1R0M03)
C3=1
F
RF IN
RF OUT
ASL19C
Vsupply=+5 V
C1=1
F
C2=1
F
L1=1
H
C4=10
F
R1=1 k
RD=15 
RB=6.8 k
(LQH31CN1R0M03)
RF IN
RF OUT
ASL19C
Vsupply=+5 V
C1=1
F
C2=1
F
L1=1
H
C4=10
F
R1=1 k
RD=15 
RB=6.8 k
(LQH31CN1R0M03)
C3=1
F
1) OIP3 is measured with two tones at an output power of +10 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters
APPLICATION CIRCUIT
Frequency (MHz)
30
150
300
Magnitude S21 (dB)
24.5
24.0
23.0
Magnitude S11 (dB)
-15
-13
-10
Magnitude S22 (dB)
-9
-10
-11
Output P1dB (dBm)
21
21
21
Output IP31) (dBm)
30.5
33.5
35.0
Noise Figure (dB)
0.9
0.8
0.7
Device Voltage (V)
+4.0
+4.0
+4.0
Current (mA)
68
68
68
IF, FM
30 ~ 300 MHz
+5 V
0
100
200
300
400
500
0
5
10
15
20
25
30
Frequency (MHz)
0
100
200
300
400
500
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
-20
-15
-10
-5
0
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com