Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3339AKCZ-5-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3339AKCZ-5-R7
Description  High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3339AKCZ-5-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3339AKCZ-5-R7 Datasheet HTML 4Page - Analog Devices ADP3339AKCZ-5-R7 Datasheet HTML 5Page - Analog Devices ADP3339AKCZ-5-R7 Datasheet HTML 6Page - Analog Devices ADP3339AKCZ-5-R7 Datasheet HTML 7Page - Analog Devices ADP3339AKCZ-5-R7 Datasheet HTML 8Page - Analog Devices ADP3339AKCZ-5-R7 Datasheet HTML 9Page - Analog Devices ADP3339AKCZ-5-R7 Datasheet HTML 10Page - Analog Devices ADP3339AKCZ-5-R7 Datasheet HTML 11Page - Analog Devices ADP3339AKCZ-5-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADP3339
Data Sheet
Rev. C | Page 8 of 12
VIN = 6V
0
200
0
TIME (
μs)
400
600
800
1000
1
0
3.3
2
3
Figure 16. Short-Circuit Current
10
100
1k
10k
100k
1M
VOUT = 3.3V
–80
–70
–60
–50
–40
–30
–20
–10
–90
0
CL = 1μF
ILOAD = 1.5A
CL = 10μF
ILOAD = 0 C
L = 1μF
ILOAD = 0
–100
CL = 10μF
ILOAD = 1.5A
FREQUENCY (Hz)
Figure 17. Power Supply Ripple Rejection
CL (μF)
500
400
0
010
50
20
30
40
300
200
100
600
ILOAD = 0A
ILOAD = 1.5A
Figure 18. RMS Noise vs. CL (10 Hz to 100 kHz)
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
CL = 1μF
0.001
0.01
0.1
1
10
100
CL = 10μF
Figure 19. Output Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com