Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL54T8 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL54T8
Description  High Gain, Low Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL54T8 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL54T8 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
ASB Inc.
 sales@asb.co.kr
June 2014
ASL54T8
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
1500
1700
1800
2000
2500
MHz
Noise Figure
0.65
0.65
0.65
0.70
0.90
dB
Gain
18.7
17.7
17.2
16.5
14.3
dB
S11
-12.0
-14.0
-15.0
-17.0
-18.0
dB
S22
-10.0
-11.0
-11.0
-12.0
-12.0
dB
Output IP31)
33.0
34.0
35.0
37.0
38.0
dBm
Output P1dB
19.5
19.5
19.5
19.5
19.5
dBm
Current
45
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at the output power of +4 dBm/tone separated by 1 MHz.
2.2
Product Specification
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Min
Typ
Max
Unit
Frequency
2000
MHz
Noise Figure
0.70
dB
Gain
16.5
dB
S11
-17.0
dB
S22
-12.0
dB
Output IP3
37.0
dBm
Output P1dB
19.5
dBm
Current
45
mA
Device Voltage
+5
V
2.3
Pin Configuration
Pin
Description
Simplified Outline
1
Bias
2
RF_IN
7
RF_OUT
3,4,5,6,8
NC or GND
Backside paddle
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com