Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL5829 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL5829
Description  Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5829 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL5829 Datasheet HTML 3Page - Intersil Corporation ISL5829 Datasheet HTML 4Page - Intersil Corporation ISL5829 Datasheet HTML 5Page - Intersil Corporation ISL5829 Datasheet HTML 6Page - Intersil Corporation ISL5829 Datasheet HTML 7Page - Intersil Corporation ISL5829 Datasheet HTML 8Page - Intersil Corporation ISL5829 Datasheet HTML 9Page - Intersil Corporation ISL5829 Datasheet HTML 10Page - Intersil Corporation ISL5829 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Input Logic Low Voltage with
3.3V Supply, VIL
(Note 3)
-
0
1.0
V
Sleep Input Current, IIH
-25
-
+25
µA
Input Logic Current, IIH, IL
-20
-
+20
µA
Clock Input Current, IIH, IL
-10
-
+10
µA
Digital Input Capacitance, CIN
-3
-
pF
TIMING CHARACTERISTICS
Data Setup Time, tSU
See Figure 15
-
1.5
-
ns
Data Hold Time, tHLD
See Figure 15
-
1.5
-
ns
Propagation Delay Time, tPD
See Figure 15
-
1
-
Clock
Period
CLK Pulse Width, tPW1, tPW2
See Figure 15 (Note 3)
2
-
-
ns
POWER SUPPLY CHARACTERISTICS
AVDD Power Supply
(Note 8)
2.7
3.3
3.6
V
DVDD Power Supply
(Note 8)
2.7
3.3
3.6
V
Analog Supply Current (IAVDD)
3.3V, IOUTFS = 20mA
-
60
62
mA
3.3V, IOUTFS = 2mA
-
24
-
mA
Digital Supply Current (IDVDD)
3.3V (Note 5)
-
11
15
mA
3.3V (Note 6)
-
17
21
mA
Supply Current (IAVDD) Sleep Mode
3.3V, IOUTFS = Don’t Care
-
5
-
mA
Power Dissipation
3.3V, IOUTFS = 20mA (Note 5)
-
233
255
mW
3.3V, IOUTFS = 20mA (Note 6)
-
253
274
mW
3.3V, IOUTFS = 2mA (Note 5)
-
115
-
mW
Power Supply Rejection
Single Supply (Note 7)
-0.125
-
+0.125
%FSR/V
NOTES:
2. Gain Error measured as the error in the ratio between the full scale output current and the current through RSET (typically 625µA). Ideally the
ratio should be 32.
3. Parameter guaranteed by design or characterization and not production tested.
4. Spectral measurements made with differential transformer coupled output and no external filtering. For multitone testing, the same pattern was
used at different clock rates, producing different output frequencies but at the same ratio to the clock rate.
5. Measured with the clock at 130MSPS and the output frequency at 10MHz.
6. Measured with the clock at 200MSPS and the output frequency at 20MHz.
7. See Definition of Specifications.
8. Recommended operation is from 3.0V to 3.6V. Operation below 3.0V is possible with some degradation in spectral performance. Reduction in
analog output current may be necessary to maintain spectral performance.
9. See Typical Performance plots.
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25°C for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
TA = -40°C TO 85°C
UNITS
MIN
TYP
MAX
ISL5829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com