Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW320 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASW320
Description  5 ~ 3000 MHz MMIC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW320 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASW320 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW320 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW320 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW320 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW320 Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
October 2012
ASW320
5 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +10 dBm/tone @ 5 V,
+12dBm/tone @ 6 V separated by 1MHz.
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
600
800
1000
1200
1400
1600
1800
2000
-20
-15
-10
-5
0
Frequency (MHz)
600
800
1000
1200
1400
1600
1800
2000
0
5
10
15
20
25
Frequency (MHz)
600
800
1000
1200
1400
1600
1800
2000
-20
-15
-10
-5
0
Frequency (MHz)
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
900
1600
900
1600
Magnitude S21 (dB)
22.0
19.5
22.0
19.5
Magnitude S11 (dB)
-9
-7
-9
-7
Magnitude S22 (dB)
-8
-6
-8
-6
Output P1dB (dBm)
22
21
24
23
Output IP31) (dBm)
40.5
39.0
42.5
41.0
Noise Figure (dB)
2.3
2.6
2.4
2.7
Device Voltage (V)
+5
+5
+6
+6
Current (mA)
120
120
145
145
MoCA
900 ~ 1600 MHz
+5 V & +6 V
RF IN
RF OUT
ASW320
C2=82 pF
C3=100 pF
C1=82 pF
L1=39 nH
Vs=5 V / 6 V
C4=1 uF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com