Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWB688 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AWB688
Description  DC ~ 1500 MHz Wideband MMIC Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB688 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AWB688 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB688 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
January 2014
AWB688
DC ~ 1500 MHz Wideband MMIC Amplifier
(Supply Voltage = +10 V, TA = +25 C, Z0 = 50 )
Parameters
Units
Typical
Frequency
MHz
30
50
500
860
Gain
dB
22.2
22.5
22.8
22.5
S11
dB
-12
-13
-20
-10
S22
dB
-10
-11
-17
-10
Output IP31)
dBm
47.0
47.5
45.5
45.0
Noise Figure
dB
1.7
1.8
2.2
2.1
Output P1dB
dBm
27.0
29.0
30.0
30.5
Current
mA
300
300
300
300
Device Voltage
V
+10
+10
+10
+10
1) OIP3 is measured with two tones at an output power of +15 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ.
Max
Testing Frequency
MHz
500
Gain
dB
22.8
S11
dB
-20
S22
dB
-17
Output IP3
dBm
45.5
Noise Figure
dB
2.2
Output P1dB
dBm
30.0
Current
mA
300
Device Voltage
V
+10
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+13 V
Operating Junction Temperature
+150
C
Input RF Power (Continuous)
+22 dBm
Thermal Resistance
+14
C/W
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Typical Performance
Absolute Maximum Ratings
 DC ~ 1200 MHz, 50
 Application
 For 30 ~ 860 MHz 50
 Matching @ Vdevice = +10 V, Idd = 300 mA:
 22.8 dB Gain at 500 MHz
 30 dBm OP1dB
 45.5 dBm Output IP3
 2.2 dB NF
Applications
Product Specifications
Package Style: SOIC8
AWB688
Pin Configuration
Pin No.
Function
1,3,5,6,8
NC or GND
2
RF IN
7
RF OUT
4
Current
Adjustable
 Wide Band
(30 ~ 860 MHz, 10 V, 300 mA)
 Wide Band
(30 ~ 860 MHz, 12 V, 291 mA)
 IF
(200 ~ 400 MHz, 10 V, 320 mA)
 IF
(0.3 ~ 30 MHz, 9 V, 160 mA)
 IF
(20 ~ 1000 MHz, 11 V, 283 mA)


Similar Part No. - AWB688

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB688 ASB-AWB688 Datasheet
696Kb / 10P
DC ~ 1500 MHz Wideband MMIC Amplifier
March 2017
AWB688 ASB-AWB688_17 Datasheet
696Kb / 10P
DC ~ 1500 MHz Wideband MMIC Amplifier
March 2017
More results

Similar Description - AWB688

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
logo
BeRex Corporation
BT05VG BEREX-BT05VG Datasheet
562Kb / 11P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2 Datasheet
759Kb / 13P
1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_1 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
logo
M/A-COM Technology Solu...
NPA1003 MA-COM-NPA1003_15 Datasheet
1Mb / 8P
20-1500 MHz MMIC Amplifier
logo
Advanced Semiconductor ...
AWB688 ASB-AWB688_17 Datasheet
696Kb / 10P
DC ~ 1500 MHz Wideband MMIC Amplifier
March 2017
logo
BeRex Corporation
BT05VG BEREX-BT05VG_16 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_16 Datasheet
2Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com