Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK244-2-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK244-2-R
Description  Audio Extension Cable CCS, Stereo, Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK244-2-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK244-2-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSMANN
Electronics, Inc.
THIS DRAWING IS UNPUBLISHED
©Copyright 2009 by Assmann Electronic Components
All International Rights Reserved
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@usa-assmann.com
RoHS
Compliant
ITEM NO.
TITLE
= Assmann logo
AK244-2-R
Audio Extension Cable CCS, Stereo, Shielded
3.5MM Stereo Plug(Black) <=> 2x RCA Jack(Red, White)
Material:
• Cable: NOUL 28#(10/0.10+28/0.10)*2F
- Jacket: Black
- OD: 2.8*5.6MM
• P1 Connector: 3.5ST Male G/F Tray 6.0MM L=26MM
- Mold Type NI-Plated
- Insulator Color: Black
• P2 & P3 Connector: RCA Plug Female
- NI-Plated
- Insulator Color: Brown
• Outer Jacket: PVC-40P (Colors Red, White & Black)
Electrical:
• 100% Short, Open, Miswire Test
• Conduct Resistance: 2
Max.
• Insulation Resistance: 5M
Min.
• Dielectric test: 300V DC
2,000MM±50MM
P1
P2
P3
7.0MM±0.3MM
305MM±15MM
130MM
110MM±10MM
SEAL
PIN ASSIGNMENT:
COLOR
RED
WHITE
SPIRAL(RED)
SPIRAL(WHITE)
1
2
3
1
2
1
2
P1
P2
P3


Similar Part No. - AK244-2-R

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2400 AKM-AK2400 Datasheet
1Mb / 52P
High integrated receiver for PMR-LMR
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
Direct Conversion Transceiver
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
Direct Conversion Transceiver
logo
Assmann Electronics Inc...
AK243-015-R ASSMANN-AK243-015-R Datasheet
81Kb / 1P
Stereo Connection Cable - 1.5 Meters
AK243-025-R ASSMANN-AK243-025-R Datasheet
81Kb / 1P
Stereo Connection Cable - 2.5 Meters
More results

Similar Description - AK244-2-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-AV202-R ASSMANN-AK-AV202-R Datasheet
95Kb / 1P
External Audio RCA Cinch Extension Cable
logo
Tripp Lite. All Rights ...
P311006 TRIPPLITE-P311006 Datasheet
468Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M-F), 6-ft
P311010 TRIPPLITE-P311010 Datasheet
467Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M-F), 10-ft
P311025 TRIPPLITE-P311025 Datasheet
468Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M-F), 25-ft
P318006MF TRIPPLITE-P318006MF Datasheet
486Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M-F) 6-ft
P311-006 TRIPPLITE-P311-006 Datasheet
152Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M/F), 6-ft.
P311-010 TRIPPLITE-P311-010 Datasheet
152Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M/F), 10-ft.
P311-025 TRIPPLITE-P311-025 Datasheet
152Kb / 2P
3.5mm Mini Stereo Audio Extension Cable for Speakers and Headphones (M/F), 25-ft.
P318-006-MF TRIPPLITE-P318-006-MF Datasheet
161Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M/F) 6-ft.
logo
PANDUIT CORP.
CCS12-S8 PANDUIT-CCS12-S8 Datasheet
62Kb / 1P
CCS-CABLE CLAMP
6/26/96
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com