Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK679-5-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK679-5-R
Description  PS/2 Connection Cable - Meters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK679-5-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK679-5-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
01.03.12
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK679-5-R
PS/2 Connection Cable - Meters,
Beige, Min DIN 6 Pin Male <=> Min DIN 6 Pin Male
Complaint
RoHS
rev00
Material:
• Cable: NOUL 28AWG*6C+D+AL/MY
- ø5.0MM
- Jacket Beige
• Connectors: Mini DIN 6 Pin Male
- Solder Type
- Insulator color: Black
- Pin Tin-Plated
• Outter Jacket: PVC 40P (color Beige)
• Inner Jacket: Clear LD-PE
Electrical:
• 100% short, open, miswire test
• Dielectric Test: 300V DC
5,000MM±50MM
2
P
1
P
1
3
5
2
4 6
1
3
5
2
4
6
130MM
110MM
SEAL
PIN ASSIGNMENT
P1
1
2
3
4
5
6
SHELL
P2
1
2
3
4
5
6
SHELL
BLACK
BROWN
RED
ORANGE
YELLOW
GREEN
D


Similar Part No. - AK679-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK679-R ASSMANN-AK679-R Datasheet
84Kb / 1P
MINI 6M
More results

Similar Description - AK679-5-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK678-2-R ASSMANN-AK678-2-R Datasheet
64Kb / 1P
PS/2 Connection Cable - 2 Meters, Beige
AK67321-3-R ASSMANN-AK67321-3-R Datasheet
59Kb / 1P
USB2.0 Micro Connection Cable, 3 Meters
AK528G-5-R ASSMANN-AK528G-5-R Datasheet
43Kb / 1P
PS/2 Extension Cable, Straight, 5 Meters
AK678-2 ASSMANN-AK678-2 Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
AK-PS2-R ASSMANN-AK-PS2-R Datasheet
234Kb / 1P
PS/2 Internal Cable
AK243-10M-R ASSMANN-AK243-10M-R Datasheet
81Kb / 1P
Stereo Connection Cable - 10 Meters
AK243-015-R ASSMANN-AK243-015-R Datasheet
81Kb / 1P
Stereo Connection Cable - 1.5 Meters
AK243-025-R ASSMANN-AK243-025-R Datasheet
81Kb / 1P
Stereo Connection Cable - 2.5 Meters
AK243-050-R ASSMANN-AK243-050-R Datasheet
81Kb / 1P
Stereo Connection Cable - 5 Meters
AK243-R ASSMANN-AK243-R Datasheet
81Kb / 1P
Stereo Connection Cable - 2 Meters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com