Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK2525-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK2525-R
Description  CD-ROM Audio Connection Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK2525-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK2525-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
01.03.12
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK2524-R (Assignment: 1-4, 2-2, 3-1)
AK2525-R (Assignment: 1-4, 3-2, 4-1)
CD-ROM Audio Connection Cable
Complaint
RoHS
rev00
Material:
• Cable:#28, UL2547,2C+1
• Color: Gray
• Total Length:500±10mm


Similar Part No. - AK2525-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK2524-R ASSMANN-AK2524-R Datasheet
260Kb / 1P
CD-ROM AUDIO CONNECTION CABLE
More results

Similar Description - AK2525-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA664FP ROHM-BA664FP Datasheet
153Kb / 19P
CD-ROM
logo
Sony Corporation
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
CD-ROM DECODER
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
CD-ROM DECODER
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
CD-ROM Decoder
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
CD-ROM DECODER
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
CD-ROM Decoder
logo
Assmann Electronics Inc...
AK615-05M-R ASSMANN-AK615-05M-R Datasheet
280Kb / 1P
CD-ROM AudIO Connection
AK616-5M-R ASSMANN-AK616-5M-R Datasheet
270Kb / 1P
CD-ROM AUDIO COnnection Cable, 3-Fold
AK2524-R ASSMANN-AK2524-R Datasheet
260Kb / 1P
CD-ROM AUDIO CONNECTION CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com