Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1981 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1981
Description  PNP Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1981 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1981_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SA1981
-0.8 A, -35 V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
26-Jan-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High DC Current Gain
Complementary Pair with 2SC5344
CLASSIFICATION OF hFE
Product-Rank
2SA1981-O 2SA1981-Y
Range
100~200
160~320
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-35
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-0.8
A
Collector Power Dissipation
PC
625
mW
Thermal Resistance From Junction to Ambient
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
-35
-
-
V
IC= -0.5mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-30
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -0.05mA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
μA
VCB= -35V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
μA
VEB= -5V, IC=0
DC Current Gain
hFE
100
-
320
VCE= -1V, IC= -0.1A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC= -0.5A, IB= -20mA
Transition Frequency
fT
-
120
-
MHz
VCE= -5V, IC= -10mA
Collector Output Capacitance
Cob
-
19
-
pF
VCB= -10V, IE= 0, f=1MHz
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G1.27 TYP.
H1.10
-
J
2.42
2.66
K
0.36
0.76
A
C
E
K
F
D
B
G
H
J
Emitter
Collector
Base


Similar Part No. - 2SA1981_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SA1981-TA DGNJDZ-2SA1981-TA Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
AUK corp
2SA1981N AUK-2SA1981N Datasheet
228Kb / 4P
PNP Silicon Transistor
2SA1981S AUK-2SA1981S Datasheet
83Kb / 3P
PNP Silicon Transistor (Audio power amplifier application)
logo
KODENSHI_AUK CORP.
2SA1981S KODENSHI-2SA1981S Datasheet
292Kb / 4P
Audio power amplifier application
2SA1981S KODENSHI-2SA1981S Datasheet
292Kb / 4P
Audio power amplifier application
More results

Similar Description - 2SA1981_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com