Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB766 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB766
Description  PNP Silicon Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB766 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SB766_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB766_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
2SB766
PNP Silicon
Medium Power Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
VBE(sat) ⎯ IC
hFE ⎯ IC
fT ⎯ IE
PC ⎯ Ta
IC ⎯ VCE
VCE(sat) ⎯ IC
Cob ⎯ VCB
Safe operation area
0
160
40
120
80
140
20
100
60
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Copper plate at the collector
is more than 1 cm2 in area,
1.7 mm in thickness
Ambient temperature T
a (°C)
0
−10
−8
−2
−6
−4
0
−1.50
−1.25
−1.00
− 0.75
− 0.50
− 0.25
Ta
= 25°C
IB
=−10 mA
−1 mA
−2 mA
−3 mA
−4 mA
−5 mA
−6 mA
−7 mA
−8 mA
−9 mA
Collector-emitter voltage V
CE (V)
− 0.01
− 0.1
−1
−10
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
−25°C
Ta
= 75°C
25
°C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
Ta
=−25°C
75
°C
25
°C
Collector current I
C (A)
− 0.01
− 0.1
−1
−10
0
600
500
400
300
200
100
VCE
=−10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
1
10
100
0
200
160
120
80
40
VCB
=−10 V
Ta
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
50
40
30
20
10
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
− 0.01
− 0.1
−1
−10
− 0.001
− 0.01
− 0.1
−1
−10
Single pulse
Ta
= 25°C
t
= 10 ms
t
= 1 s
ICP
IC
Collector-emitter voltage V
CE (V)
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com