Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1162 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1162
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1162 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1162 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1162 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC1162
2.5A , 35V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
07-Mar-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Base

Emitter
Collector
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low frequency power amplifier
CLASSIFICATION OF hFE (1)
Product-Rank
2SC1162-B
2SC1162-C
2SC1162-D
Range
60~120
100~200
160~320
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
35
V
Collector to Emitter Voltage
VCEO
35
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
2.5
A
Collector Power Dissipation
PC
750
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
35
-
-
V
IC=1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
35
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=1mA, IC=0
Collector Cut – Off Current
ICBO
-
-
20
μA
VCB=35V, IE=0
Emitter Cut – Off Current
IEBO
-
-
20
μA
VEB=5V, IC=0
DC Current Gain
hFE (1)
60
-
320
VCE=2V, IC=0.5A
hFE (2)
20
-
-
VCE=2V, IC=1.5A*
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
1
V
IC=2A, IB=200mA
Transition Frequency
fT
-
180
-
MHz
VCE=2V, IC=200mA
Collector Output Capacitance
VBE
-
-
1.5
V
VCE=2V, IC=1.5A
*Pulse test
Emitter
Collector
Base
TO-126
C
D
B
A
E
N
F
L
G
K
J
H
M
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
7.40
7.80
H
1.10
1.50
B
2.50
2.90
J
0.45
0.60
C
10.60
11.00
K
0.66
0.86
D
15.30
15.70
L
2.10
2.30
E
3.70
3.90
M
1.17
1.37
F
3.90
4.10
N
3.00
3.20
G2.29 TYP.


Similar Part No. - 2SC1162

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1162 HITACHI-2SC1162 Datasheet
29Kb / 5P
Silicon NPN Epitaxial
logo
Savantic, Inc.
2SC1162 SAVANTIC-2SC1162 Datasheet
100Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC1162 JMNIC-2SC1162 Datasheet
178Kb / 4P
Silicon NPN Power Transistors
logo
SeCoS Halbleitertechnol...
2SC1162 SECOS-2SC1162 Datasheet
398Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Inchange Semiconductor ...
2SC1162 ISC-2SC1162 Datasheet
154Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC1162

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com