Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK-CHMF-015-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-CHMF-015-R
Description  Cinch Connection Cable, Molded Hoods
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-CHMF-015-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-CHMF-015-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
01.03.12
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK-CHMF-015-R (1.5M) AK-CHMF-R (2.0M)
AK-CHMF-025-R (2.5M) AK-CHMF-050-R (5.0M)
Cinch Connection Cable, Molded Hoods,
2 x Cinch Male to 2 x Cinch Female
Complaint
RoHS
rev00
Material:
• Cable: Non-UL [26(10/0.12)*1C Tinned Copper Insulation: PVC+
Spiral Shield(28/0.12) Tinned Copper]*2 Flat, Jacket; PVC
OD:Ø2.8*5.6±0.15mm Color: Black(NK-KO1)
• Connectors: P1&P2: RCA Plug Nickel Plated
P3&P4: RCA Jack Nickel Plated
• Hood: P1&P3: Molded Type, PVC 45P, Color: White(NK-WO1)
P3&P4: Molded Type, PVC 45P, Color: Red(NK-RO1)
• Test Request: <1>. 100% Open Short & MIS Wire Test
<2>. Insulation Resistance: 1M min.
• Packing: Seep-0039 Rev.B Packing Drawing
EAN Code: 4016032051329
(Binding size must be smaller than blister)
• Blister Size: DB VP2


Similar Part No. - AK-CHMF-015-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-CHMF-025-R ASSMANN-AK-CHMF-025-R Datasheet
73Kb / 1P
Cinch Connection Cable, Molded Hoods
More results

Similar Description - AK-CHMF-015-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
8655MH1501 FCI-CONNECTOR-8655MH1501 Datasheet
116Kb / 2P
SHIELDED HOODS - TWO PART HOODS
8655MH3701 FCI-CONNECTOR-8655MH3701 Datasheet
141Kb / 2P
SHIELDED HOODS - TWO PART HOODS
logo
Assmann Electronics Inc...
AK153-5-R ASSMANN-AK153-5-R Datasheet
118Kb / 1P
Serial Connection Cable, Molded Hoods
AK-AV202-R ASSMANN-AK-AV202-R Datasheet
95Kb / 1P
External Audio RCA Cinch Extension Cable
AK-CHMF-025-R ASSMANN-AK-CHMF-025-R Datasheet
73Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMM-2 ASSMANN-AK-CHMM-2 Datasheet
165Kb / 1P
Cinch Connection Cable
AK-CHMM-015 ASSMANN-AK-CHMM-015 Datasheet
66Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMM-025 ASSMANN-AK-CHMM-025 Datasheet
66Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-CHMM-R ASSMANN-AK-CHMM-R Datasheet
66Kb / 1P
Cinch Connection Cable, Molded Hoods
AK-AV200 ASSMANN-AK-AV200 Datasheet
170Kb / 1P
Stereo Connection Cable, Cinch Male to Cinch Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com