Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD210H Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # SCD210H
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SCD210H Datasheet(HTML) 2 Page - Zowie Technology Corporation

  SCD210H Datasheet HTML 1Page - Zowie Technology Corporation SCD210H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(20V~100V / 2.0A)
SCD22H THRU SCD210H
2007/12
REV. 0
FIG.1 - FORWARD CURRENT DERATING CURVE
2.0
1.0
0
0
50
70
90
110
130
150
170
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON
0.2X0.2"(5.0X5.0mm)
COPPER PAD AREAS
LEAD TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
(JEDEC Method)
0
10
20
30
50
40
60
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
.001
0
20
0.10
1.0
10
100
TJ=100
oC
TJ=25
oC
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
o
C
f=1.0MHz
Vsig=50mVP-P
REVERSE VOLTAGE, VOLTS
.1
400
1.0
10
100
100
10
SCD22H~SCD24H
SCD26H~SCD210H
0
0.001
10
0.01
0.10
1.00
0.1
0.2
0.3
0.4
0.5
0.8
1.0
0.9
0.7
0.6
FORWARD VOLTAGE, (V)
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Ta=25
oC
SCD22H~24H
SCD26H
SCD210H



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com