Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB401-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AB401-R
Description  DB9 Male - MINI DIN 6PIN Female
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AB401-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AB401-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
01.03.12
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AB401-R
DB9 Male - MINI DIN 6PIN Female
Complaint
RoHS
rev00


Similar Part No. - AB401-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB401K-R ASSMANN-AB401K-R Datasheet
83Kb / 1P
MINI DIN 6 FRMALE
More results

Similar Description - AB401-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
DB9-USB-RS232 FTDI-DB9-USB-RS232 Datasheet
712Kb / 27P
DB9-USB-RS232 Module Male & Female
logo
Assmann Electronics Inc...
AB440 ASSMANN-AB440 Datasheet
217Kb / 1P
ADAPTOR DIN 5PIN FEMALE-MINI DIN 6PIN MALE
AK323G-2-R ASSMANN-AK323G-2-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AK323G-5-R ASSMANN-AK323G-5-R Datasheet
45Kb / 1P
Mini DIN 6-Pin Male <=> Mini DIN 6-Pin Female
AB440-R ASSMANN-AB440-R Datasheet
122Kb / 1P
DIN 5 Pin Female - MINI Din 6 Pin Male
AB441-R ASSMANN-AB441-R Datasheet
74Kb / 1P
MINIDIN 6PIN MALE
AB450-R ASSMANN-AB450-R Datasheet
83Kb / 1P
MINI DIN 6PIN MALE
AB961 ASSMANN-AB961 Datasheet
122Kb / 1P
DIN 5 Pin Male - MINI Din 6 Pin Female
AK5300-15-R ASSMANN-AK5300-15-R Datasheet
90Kb / 1P
MINI DIN 6PIN MALE
AK52300-15-R ASSMANN-AK52300-15-R Datasheet
90Kb / 1P
MINI DIN 6PIN FEMALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com