Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-AV106-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AB-AV106-R
Description  plastic housing, M/F, black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AB-AV106-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AB-AV106-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 Datasheet - Page 1
Audio adapter, stereo
EAN: 4016032110156
AB-AV 106
plastic housing, M/F, black
l
3.5mm stereo plug <=> 2x RCA jack
l
Molded housing
l
Color: black
 Datasheet - Page 2
Audio adapter, stereo
EAN: 4016032110156
AB-AV 106
Country of origin: China
Logistics
Number
(pcs)
Weight
(kg)
Depth
(cm)
Width
(cm)
Height
(cm)
cm
³
Packaging Unit Carton
1000
10,00
39,00
34,00
25,00
33150,00
Packaging Unit Inside
50
0,50
25,00
18,50
3,50
1618,75
Packaging Unit Single
1
0,01
1,50
6,00
8,50
76,50
Net single without Packaging
1
0,00
4,50
2,50
1,00
11,25
www.assmann.com
1 / 2


Similar Part No. - AB-AV106-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB-AV100-R ASSMANN-AB-AV100-R Datasheet
282Kb / 2P
plastic housing, M/F, black
AB-AV101-R ASSMANN-AB-AV101-R Datasheet
298Kb / 2P
plastic housing, M/F, black
AB-AV103-R ASSMANN-AB-AV103-R Datasheet
298Kb / 2P
plastic housing, M/F, black
AB-AV105-R ASSMANN-AB-AV105-R Datasheet
300Kb / 1P
plastic housing, M/F, black
AB-AV107-R ASSMANN-AB-AV107-R Datasheet
292Kb / 1P
plastic housing, M/F, black
More results

Similar Description - AB-AV106-R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7269 POMONA-7269 Datasheet
164Kb / 1P
XLR/RCA Adapters, F/M, M/M, F/F, M/F
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Assmann Electronics Inc...
AB-AV100-R ASSMANN-AB-AV100-R Datasheet
282Kb / 2P
plastic housing, M/F, black
AB-AV101-R ASSMANN-AB-AV101-R Datasheet
298Kb / 2P
plastic housing, M/F, black
AB-AV103-R ASSMANN-AB-AV103-R Datasheet
298Kb / 2P
plastic housing, M/F, black
AB-AV105-R ASSMANN-AB-AV105-R Datasheet
300Kb / 1P
plastic housing, M/F, black
AB-AV107-R ASSMANN-AB-AV107-R Datasheet
292Kb / 1P
plastic housing, M/F, black
AB-AV108-R ASSMANN-AB-AV108-R Datasheet
280Kb / 1P
plastic housing, M/F, black
AK402013-R ASSMANN-AK402013-R Datasheet
300Kb / 1P
plastic housing, M/F, black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com