Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK243-025-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK243-025-R
Description  Stereo Connection Cable - 2.5 Meters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK243-025-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK243-025-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
01.03.12
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK243-025-R
Stereo Connection Cable - 2.5 Meters,
3.5ST Male <=> 2x RCA Male
Complaint
RoHS
rev00
Unit: MM
Material:
• Cable: NOUS [(10/0.10)+S(28/0.10)]*2F
- PVC-40P Jacket Black
- OD 2.8*5.6MM
- L=1500±10MM
• P1 Connector: 3.5ST Male
- Tray 6.0MM L=26MM
- Mold Type Ni-Plated insulator color Black
• P2 Connector: RCA Plug Male
- Blossom Type Ni-Plated insulator color Brown
- In Jacket: Clear LD-PE
- Out Jacket: PVC-40P Red
• P3 Connector: RCA Plug Male
- Blossom Type Ni-Plated insulator color Brown
- In Jacket: Clear LD-PE
- Out Jacket: PVC-40P White
• Tube: Heat Shrink Black OD1.5*10MM
• S/R: Black PVC 40P
Electrical:
• 100% Short, open, miswire test
• Dielectric test: 300V DC
P1
P2
P3
2,500±50
305±15
AK243-015-R
110±10
Seal
130


Similar Part No. - AK243-025-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK243-015-R ASSMANN-AK243-015-R Datasheet
81Kb / 1P
Stereo Connection Cable - 1.5 Meters
AK243-050-R ASSMANN-AK243-050-R Datasheet
81Kb / 1P
Stereo Connection Cable - 5 Meters
More results

Similar Description - AK243-025-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK678-2-R ASSMANN-AK678-2-R Datasheet
64Kb / 1P
PS/2 Connection Cable - 2 Meters, Beige
AK67321-3-R ASSMANN-AK67321-3-R Datasheet
59Kb / 1P
USB2.0 Micro Connection Cable, 3 Meters
AK678-2 ASSMANN-AK678-2 Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
AK679-5-R ASSMANN-AK679-5-R Datasheet
80Kb / 1P
PS/2 Connection Cable - Meters
AK-AV502 ASSMANN-AK-AV502 Datasheet
338Kb / 1P
High Quality Stereo Connection Cable
AK203-2-5 ASSMANN-AK203-2-5 Datasheet
45Kb / 1P
Stereo Audio Cable - 2.5 Meters, Black
AK243-10M-R ASSMANN-AK243-10M-R Datasheet
81Kb / 1P
Stereo Connection Cable - 10 Meters
AK243-015-R ASSMANN-AK243-015-R Datasheet
81Kb / 1P
Stereo Connection Cable - 1.5 Meters
AK243-050-R ASSMANN-AK243-050-R Datasheet
81Kb / 1P
Stereo Connection Cable - 5 Meters
AK243-R ASSMANN-AK243-R Datasheet
81Kb / 1P
Stereo Connection Cable - 2 Meters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com