Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK-AV100-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK-AV100-R
Description  Stereo Connection Cable, 3-Pin
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-AV100-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK-AV100-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
01.03.12
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK-AV100-R (1.50M)
Stereo Connection Cable, 3-Pin,
3.5mm Stereo Male to 3.5mm Stereo Male
Complaint
RoHS
rev00


Similar Part No. - AK-AV100-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-AV200 ASSMANN-AK-AV200 Datasheet
170Kb / 1P
Stereo Connection Cable, Cinch Male to Cinch Male
AK-AV201-R ASSMANN-AK-AV201-R Datasheet
86Kb / 1P
CONTRACTOR RESISTACE : 2OHM
AK-AV202-R ASSMANN-AK-AV202-R Datasheet
95Kb / 1P
External Audio RCA Cinch Extension Cable
AK-AV206-R ASSMANN-AK-AV206-R Datasheet
86Kb / 1P
RCA 2 Plug to RCA 2 Jack Cable
AK-AV500-R ASSMANN-AK-AV500-R Datasheet
80Kb / 1P
2RCA PLUg
More results

Similar Description - AK-AV100-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-AV502 ASSMANN-AK-AV502 Datasheet
338Kb / 1P
High Quality Stereo Connection Cable
AK-AV503 ASSMANN-AK-AV503 Datasheet
339Kb / 1P
High Quality Stereo Connection Cable
AK-AV511-R ASSMANN-AK-AV511-R Datasheet
275Kb / 1P
High Quality S-VHS and Stereo Connection Cable
AK203-MM ASSMANN-AK203-MM Datasheet
514Kb / 1P
Stereo Connection Cable,2.0M, 3-pin,
AK243-10M-R ASSMANN-AK243-10M-R Datasheet
81Kb / 1P
Stereo Connection Cable - 10 Meters
AK243-015-R ASSMANN-AK243-015-R Datasheet
81Kb / 1P
Stereo Connection Cable - 1.5 Meters
AK243-025-R ASSMANN-AK243-025-R Datasheet
81Kb / 1P
Stereo Connection Cable - 2.5 Meters
AK243-050-R ASSMANN-AK243-050-R Datasheet
81Kb / 1P
Stereo Connection Cable - 5 Meters
AK243-R ASSMANN-AK243-R Datasheet
81Kb / 1P
Stereo Connection Cable - 2 Meters
AK-AV505-R ASSMANN-AK-AV505-R Datasheet
272Kb / 1P
HIGH QUALITY STEREO CONNECTION CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com