Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATU6-V305T-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # ATU6-V305T-R
Description  Cat6, UTP, Twisted Pair, AWG24/1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

ATU6-V305T-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  ATU6-V305T-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
ATU6-V305T-R
Cat6, UTP, Twisted Pair, AWG24/1,
4x2 pairs, solid, 305 meters
Complaint
RoHS
rev00


Similar Part No. - ATU6-V305T-R

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ATU GAMEWELL-FCI-ATU Datasheet
83Kb / 1P
Releasing Device Unit/Abort Timer Unit
logo
ATMEL Corporation
ATU18 ATMEL-ATU18 Datasheet
186Kb / 12P
0.18um ULC Series with Embedded DPRAM
ATU18_160 ATMEL-ATU18_160 Datasheet
186Kb / 12P
0.18um ULC Series with Embedded DPRAM
ATU18_256 ATMEL-ATU18_256 Datasheet
186Kb / 12P
0.18um ULC Series with Embedded DPRAM
ATU18_304 ATMEL-ATU18_304 Datasheet
186Kb / 12P
0.18um ULC Series with Embedded DPRAM
More results

Similar Description - ATU6-V305T-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
219413-2 MACOM-219413-2 Datasheet
109Kb / 1P
CABLE, CAT5E, F/UTP, SOLID, PR04, AWG24, PVC
logo
Assmann Electronics Inc...
DK-1611-001-BL ASSMANN-DK-1611-001-BL Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-003-B ASSMANN-DK-1611-003-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-010-B ASSMANN-DK-1611-010-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-100-B ASSMANN-DK-1611-100-B Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-010-GR ASSMANN-DK-1611-010-GR Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-015-G ASSMANN-DK-1611-015-G Datasheet
91Kb / 1P
Cat6 UTP Patch cable
DK-1611-020-G ASSMANN-DK-1611-020-G Datasheet
91Kb / 1P
Cat6 UTP Patch cable
ATUP-P305T ASSMANN-ATUP-P305T Datasheet
236Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
ATUP-V305T ASSMANN-ATUP-V305T Datasheet
242Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com