Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7000 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N7000
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7000 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N7000_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7000_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7000_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Switching Characteristics
Electrical Characteristics( Tj=25 C Unless otherwise specified)
o
0.45
25
5
V
pF
VGS=0V
VDS=25V
f=1.0MHz
_
_
_
_
_
_
_
_
75
5
6
mA
Ω
VGS=10V, ID=500mA
VDS=10V ,VGS=4.5V
_
_
_
_
_
_
2.5
60
Drain-Source On-Voltage
Crss
Ciss
Coss
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
I
Static Drain-Source On-Resistance
On-State Drain Current
RDS(ON)
60
0.8
3.0
10
1
±
V
V
nA
uA
100
VGS=0V, ID=250uA
VGS= 15V,VDS=0
±
VDS=48V,VGS=0
VDS=VGS, ID=1.0mA
_
_
_
_
_
_
_
mS
VDS=10V,ID=200mA
_
_
BVDSS
DSS
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Gate Threshold Voltage
Gate Body Leakage Current
Zero Gate Voltage Drain Current
VGS(th)
IGSS
Forward Transconductance
Gfs
VGS=4.5V,ID=75mA
ID(ON)
VDS(ON)
Notes: 1.
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Turn-on Delay Time
Turn-off Delay Time
TOFF
_
nS
TON
VDD=15V,ID=500mA
RG=25
RL=30
VGEN=10V
10
_
Pulse width 300us, dutycycle 2%.
≦
_
_
VGS=10V, ID=500mA
VGS=4.5V,ID=75mA
≦
1
10
_
_
Ω
Ω
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 3
Elektronische Bauelemente
2N7000
200mA,60V,RDS(ON) 6
N-Channel Enhancement Mode Power Mos.FET
Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com