Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70C Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS70C
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS70C Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS70C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS70C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
BAS70/A/C/S (KAS70/A/C/S)
■
Features
●
Fast Switching Speed
●
High breakdown voltage
BAS70 single diode.
1
3
2
n.c.
BAS70A
1
2
3
BAS70C
1
2
3
BAS70-S
1
2
3
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VRM
70
V
Peak Reverse Voltage
VRRM
70
Average Rectified Current at Temp=25℃
IFAV
200
Non-Repetitive Peak Forward Surge Current t=1s
IFSM
600
Power Dissipation
Pd
225
mW
Thermal Resistance Junction to Ambient
RθJA
556
℃
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
℃
mA
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 10 uA
70
VF1
IF= 1 mA
0.41
VF2
IF= 10 mA
0.75
VF3
IF= 15 mA
1
IR1
VR= 70 V
1
IR2
VR= 50 V
0.1
Junction capacitance
Cj
VR= 0 V, f= 1 MHz
2
pF
Forward voltage
V
Reverse voltage leakage current
uA
■
Marking
NO.
BAS70
BAS70A
BAS70C
BAS70S
Marking
A70
A72
A73
A74
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02


Similar Part No. - BAS70C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS70C WTE-BAS70C Datasheet
63Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAS70C PANJIT-BAS70C Datasheet
52Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Rectron Semiconductor
BAS70C RECTRON-BAS70C Datasheet
114Kb / 3P
SOT-23 SCHOTTKY DIODE
logo
Pan Jit International I...
BAS70C PANJIT-BAS70C Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
logo
Won-Top Electronics
BAS70C WTE-BAS70C Datasheet
96Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
October, 2018
More results

Similar Description - BAS70C

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com