Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB206GS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # DB206GS
Description  Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

DB206GS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  DB206GS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd DB206GS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Rectifier Diodes
DB201GS~DB207GS
■
Features
●
Rating to 1000V PRV
●
Ideal for printed circuit board
●
High Current Capability
●
Low forward voltage drop,high current capability
●
The plastic material has UL flammability classification 94V-0
~
-
~
+
.205(5.2)
.197(5.0)
.323(8.2)
.346(8.8)
.134(3.4)
.124(3.15)
.037(0.95)
.047(1.2)
.256(6.5)
.244(6.2)
.063(1.6)
.055(1.4)
.
.
.
.
.
.
Unit: mm
DBS
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
DB
201GS
DB
202GS
DB
203GS
DB
204GS
DB
205GS
DB
206GS
DB
207GS
Unit
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
Average Rectified Output Current
Io
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage @ IF =2 .0A
VFM
Peak Reverse Current @ Ta = 25℃
At Rated DC Blocking Voltage @ Ta = 125℃
I t Rating For Fusing (t<8.3ms)
I t
A s
Typical Junction Capacitance
Cj
pF
Thermal Resistance Junction to Ambient
RθJA
℃
/W
Junction Temperature
TJ
Storage Temperature Range
Tstg
-55 to 150
150
25
60
1.1
A
IRM
10
500
uA
800
1000
V
2
℃
50
100
200
400
600
10.4
40
2
2
2
V


Similar Part No. - DB206GS

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
DB206GS BYTESONIC-DB206GS Datasheet
218Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
2014/12/3
More results

Similar Description - DB206GS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
RECTIFIER DIODES
November 1975
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com