Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2FB Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MB2FB
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MB2FB Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MB2FB Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MB2FB Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Bridge Rectifier
MB1FB ~ MB10FB
■
Features
●
Glass Passivated Chip Junction
●
Reverse Voltage - 100 to 1000 V
●
Forward Current - 0.8 A
●
High Surge Current Capability
●
Designed for Surface Mount Application
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
MB
1FB
MB
2FB
MB
4FB
MB
6FB
MB
8FB
MB
10FB
Unit
Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
Surge Peak Reverse Voltage
VRSM
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
Forward Voltage @ IF=0.8A
VF
Average Rectified Output Current Ta=50℃
IO
Peak Forward Surge Current Ta=25℃
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Typical Junction Capacitance *1
Cj
pF
Thermal Resistance.Junction- to-Ambient
RthJA
Thermal Resistance.Junction- to-Case
RthJC
Junction Temperature
Tj
Storage Temperature
Tstg
V
1.1
30
0.8
A
IR
150
-55 to 150
℃
5
40
13
μA
°C/W
95
30
* 1 Measured at 1MHz and applied reverse voltage of 4V D.C
■
Marking
NO.
MB1FB
MB2FB
MB4FB
MB6FB
MB8FB
MB10FB
Marking
MB1F
MB2F
MB4F
MB6F
MB8F
MB10F
3.85 ± 0.25
0.2 (max)
6.70 ± 0.3
1.50 ± 0.2
0.80 ± 0.3
7°
0.18 ± 0.03
1.40 ± 0.2
MBF
Unit:mm
1
2
3
4
+
_
1 Input Pin(~)
2 Input Pin(~)
3 Output Anode(+)
4 Output Cathode(-)


Similar Part No. - MB2FB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB2F PACELEADER-MB2F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB2F PFS-MB2F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB2F LUGUANG-MB2F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB2F FORMOSA-MB2F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB2F JUXING-MB2F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB2FB

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com