Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MB05F
Description  Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MB05F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MB05F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MB05F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Bridge Rectifiers
MB05F ~ MB10F
■
Features
●
Glass passivated chip junctions
●
Plastic materrial has U/L flammability classification 94V-O
●
High surge overload rating: 25A peak
●
Saves space on printed circuit boards
●
High temperature soldering guaranteed
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
MB05F MB1F
MB2F
MB4F
MB6F
MB8F MB10F
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
RMS Voltage
VRMS
35
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Forward Voltage @ IF=0.4A
VF
Averaged Forward Current.
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Maximum DC Reverse Current Ta=25℃
μA
Ta=100℃
mA
Typical Junction Capacitance (Note.1)
Cj
pF
Thermal Resistance.Junction- to-Ambient
RthJA
Thermal Resistance.Junction- to-Case
RthJC
Junction Temperature
Tj
Storage Temperature
Tstg
℃
/W
85
20
V
1
0.5
25
IR
150
-55 to 150
℃
A
5
0.5
13
Note.1: Measured at 1MHz and applied reverse voltage of 4V D.C
0.6 ± 0.1
4.8 0.2
2.5 ± 0.25
1.2 ± 2
.
0
Dimensions in millimeters
MBF
±
Unit:mm
1
2
3
4
3 +
1 AC in
2 AC in
4 -


Similar Part No. - MB05F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB05F PACELEADER-MB05F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB05F PFS-MB05F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB05F LUGUANG-MB05F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB05F FORMOSA-MB05F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB05F JUXING-MB05F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB05F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com