Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR645CS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MBR645CS
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MBR645CS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MBR645CS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MBR645CS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
MBR640CS~MBR6200CS
■
Features
●
Low power loss, high efficiency.
●
Low forwrd voltage, high current capability
●
High surge capacity.
●
For use in low voltage,high frequency inverters.
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
■
Absolute Maximum Ratings Ta = 25℃
* 1 Measured at 1 MHz and applied reverse voltage of 4 V D.C
* 2 Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
Parameter
Symbol
MBR
640CS
MBR
645CS
MBR
650CS
MBR
660CS
MBR
680CS
MBR
690CS
MBR
6100CS
MBR
6150CS
MBR
6200CS Unit
Repetitive Peak Reverse Voltage
VRRM
40
45
50
60
80
90
100
150
200
Surge Peak Reverse Voltage
VRSM
28
31.5
35
42
56
63
70
105
140
Maximum DC Blocking Voltage
VDC
40
45
50
60
80
90
100
150
200
Forward Voltage @ IF=3A
VF
Averaged Forward Current
IFAV
Peak Forward Surge Current
TA=25℃
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=100℃
Typical Thermal Resistance
RthC
℃
/W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55 to 150
V
6
75
0.75
0.8
0.9
IR
0.7
-65 to 175
℃
A
0.05
20
3
mA
175


Similar Part No. - MBR645CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR645CT PANJIT-MBR645CT Datasheet
87Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBR645CT KERSEMI-MBR645CT Datasheet
800Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR645CS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com