Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1200F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MBR1200F
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MBR1200F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MBR1200F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MBR1200F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
MBR120F ~ MBR1200F
■
Features
●
Low power loss,high efficiency
●
High forward surge current capability
●
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
SOD-123F
Unit:mm
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol MBR
120F
MBR
130F
MBR
140F
MBR
150F
MBR
160F
MBR
170F
MBR
180F
MBR
190F
MBR
1100F
MBR
1200F Unit
Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
70
80
90
100
200
Maximum RMS Voltage
VRMS
14
21
28
35
42
49
56
63
70
140
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
70
80
90
100
200
Forward Voltage @ IF=1A
VF
0.95
Averaged Forward Current.Ta=75℃
IFAV
Peak Forward Surge Current Ta=25℃
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=100℃
Typical Junction Capacitance (Note.1)
Cj
pF
Junction Temperature
Tj
Storage Temperature
Tstg
-65 to 150
1
10
25
0.55
0.7
0.85
110
80
-65 to 125
-65 to 150
1
℃
A
mA
V
IR
Note.1:Measured at 1MHz and applied reverse voltage of 4.0V D.C.
■
Marking
NO.
MBR120F MBR130F MBR140F MBR150F MBR160F MBR170F MBR180F MBR190F MBR1100F MBR1200F
Marking
D12
D13
D14
D15
D16
D17
D18
D19
D110
D120
2.8 ± 0.1
Cathode Band
Top View
3.7 ± 0.2
0.6 ± 0.25


Similar Part No. - MBR1200F

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBR1200F AITSEMI-MBR1200F Datasheet
435Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
More results

Similar Description - MBR1200F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com