Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81485 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL81485
Description  5V, 30Mbps, RS-485/RS-422 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81485 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL81485 Datasheet HTML 3Page - Intersil Corporation ISL81485 Datasheet HTML 4Page - Intersil Corporation ISL81485 Datasheet HTML 5Page - Intersil Corporation ISL81485 Datasheet HTML 6Page - Intersil Corporation ISL81485 Datasheet HTML 7Page - Intersil Corporation ISL81485 Datasheet HTML 8Page - Intersil Corporation ISL81485 Datasheet HTML 9Page - Intersil Corporation ISL81485 Datasheet HTML 10Page - Intersil Corporation ISL81485 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Driver Features
The RS-485, RS-422 driver is a differential output device
that delivers at least 2V across a 54
Ω load (RS-485), and at
least 2.5V across a 100
Ω load (RS-422) even with
VCC = 4.5V. The drivers feature low propagation delay skew
to maximize bit width, and to minimize EMI.
The driver is three-statable via the active high DE input.
Outputs of the driver are not slew rate limited, so faster
output transition times allow data rates of at least 30Mbps.
Data Rate, Cables, and Terminations
RS-485/RS-422 are intended for network lengths up to
4000’, but the maximum system data rate decreases as the
transmission length increases. Devices operating at 30Mbps
usually are limited to lengths of a couple hundred feet, but
the larger differential output voltage of this transceiver allows
that distance to be pushed past 350’. Figure 7 illustrates the
30Mbps performance of the ISL81485 driving 350’ of CAT5
cable, terminated in 120
Ω at both the driver and receiver
ends. As shown, the differential signal (A-B) delivered to the
receiver inputs at the end of the cable is still greater than
1.5V (i.e., 7.5 times the required Rx sensitivity). Thus, even
longer cables can be driven if lower noise margins are
acceptable.
Twisted pair is the cable of choice for RS-485, RS-422
networks. Twisted pair cables tend to pick up noise and
other electromagnetically induced voltages as common
mode signals, which are effectively rejected by the
differential receivers in these ICs.
Proper termination is imperative, when using a 30Mbps
device, to minimize reflections. In point-to-point, or point-to-
multipoint (single driver on bus) networks, the main cable
should be terminated in its characteristic impedance
(typically 120
Ω) at the end farthest from the driver. In multi-
receiver applications, stubs connecting receivers to the main
cable should be kept as short as possible. Multipoint (multi-
driver) systems require that the main cable be terminated in
its characteristic impedance at both ends. Stubs connecting
a transceiver to the main cable should be kept as short as
possible.
Built-In Driver Overload Protection
As stated previously, the RS-485 spec requires that drivers
survive worst case bus contentions undamaged. The
ISL81485 meets this requirement via driver output short
circuit current limits, and on-chip thermal shutdown circuitry.
The driver output stages incorporate short circuit current
limiting circuitry which ensures that the output current never
exceeds the RS-485 spec, even at the common mode
voltage range extremes.
In the event of a major short circuit condition, the device also
includes a thermal shutdown feature that disables the drivers
whenever the die temperature becomes excessive. This
eliminates the power dissipation, allowing the die to cool.
The drivers automatically reenable after the die temperature
drops about 15 degrees. If the contention persists, the
thermal shutdown/reenable cycle repeats until the fault is
cleared. Receivers stay operational during thermal
shutdown.
Typical Performance Curves VCC = 5V, TA = 25oC; Unless Otherwise Specified
FIGURE 7. DRIVER AND RECEIVER WAVEFORMS DRIVING
350 FEET (107 METERS) OF CAT5 CABLE
(DOUBLE TERMINATED WITH 120
Ω)
FIGURE 8. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
TIME (20ns/DIV)
-3
1.5
3
-1.5
0
0
5
0
5
DI = 30Mbps
RO
DRIVER+CABLE DELAY
(~490ns)
A - B
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
160
-80
-100
-120
Y OR Z = HIGH
-140
-160
Y OR Z = LOW
Y OR Z = HIGH
ISL81485



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com