Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS40WS
Description  Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS40WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS40WS_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS40WS_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAS40WS
Surface Mount Schottky Barrier Diodes
01-August-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Turn-on Voltage
Fast Switching
PN Junction Guard for Transient and ESD Protection
Designed
for Surface Mount Application
Plastic
Material –UL Recognition Flammability
Classification
94V-O
MARKING
43
ABSOLUTE MAXIMUM RATINGS (Single diode, at Ta = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak Repetitive Peak reverse voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
40
V
Forward Continuous Current
IF
200
mA
Peak Forward Surge Current, t≦1.0 s
IFSM
600
mA
Thermal Resistance Junction−to−Ambient
RθJA
625
°C/W
Power Dissipation
PD
200
mW
Junction, Storage Temperature
TJ, TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
IR = 10
μA
Reverse Current
IR
-
20
200
nA
VR = 30V
VF1
-
-
380
mV
IF = 1mA
VF2
-
-
500
mV
IF = 10mA
Forward Voltage
VF3
-
-
1000
mV
IF = 40mA
Diode Capacitance between
Terminals
CT
-
4.0
5.0
pF
VR = 0, f=1MHz
Reverse Recovery Time
tRR
-
5
nS
IRR = 0.1XIR, IR=IF=10mA, RL=100
Ω
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
SOD-323


Similar Part No. - BAS40WS_15

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS40WS JIANGSU-BAS40WS_15 Datasheet
626Kb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAS40WS_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com