Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS70
Description  Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS70 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS70_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS70_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individua
BAS70/-04/-05/-06
Surface Mount Schottky Barrier Diodes
mW
mW/
5C
5C
O
O
BAS70 Marking: K73, BE, 73
BAS70-04 Marking: K74, 74
BAS70-05 Marking: K75, 75
BAS70-06 Marking: K76, 76
01-Jun-2002 Rev. A
Page 1 of 2
FEATURES
Low Turn-on Voltage
K
J
C
H
L
A
B S
G
V
D
Top View
1
2
3
Case: SOT-23, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (approx.)
Mounting Position: Any
MECHANICAL DATA
Very Low Capacitance - Less Than 2.0pF @ 0V
For high speed switching application, circuit protection
Low Forward Voltage - 0.75V(Max) @ IF = 10 mA
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Volts
Forward Power Dissipation
@ TA = 25 C
Derate above 25 C
PF
225
1.8
Operating Junction and Storage Temperature Range
TJ, Tstg
± 55 to +150
MAXIMUM RATINGS (T
O
J = 150 C unless otherwise noted)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ELECTRICALCHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
70
—
Volts
Total Capacitance (VR = 0 V, f = 1.0 MHz)
CT
—
2.0
pF
Reverse Leakage (VR = 50 V)
(VR = 70 V)
IR
—
—
0.1
10
µAdc
Forward Voltage (IF = 1.0 mAdc)
VF
—
410
mVdc
Forward Voltage (IF = 10 mAdc)
VF
—
750
mVdc
Forward Voltage (IF = 15 mAdc)
VF
—
1.0
Vdc
·
·
·
·
·
·
·
·
1
2
1
1
1
2
2
2
3
3
3
3
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
Forward Continuous Current
IFM
70
mA
Single Forward Current
t
v 10 m
IFSM
mA
100
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAS70_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70 DIODES-BAS70_15 Datasheet
216Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 24
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
More results

Similar Description - BAS70_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com