Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT54P
Description  Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT54P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAT54P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT54P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAT54P
Plastic-Encapsulate Diodes
04-Feb-2013 Rev. B
Page 1 of 2
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATUERS
Low Turn-on Voltage
Fast Switching
Ultra-Small Surface Mount Package
PN Junction Guard Ring for Transient and ESD Protection
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123
3K
7 inch
MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
DC Blocking Voltage
VR
30
V
RMS reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
IO
100
mA
Forward continuous Current
IF
200
mA
Repetitive peak Forward Current
IFRM
300
mA
Forward Surge Current@ t<1s
IFSM
600
mA
Power Dissipation
Pd
500
mW
Thermal Resistance Junction to Ambient Air
RθJA
200
°C/W
Junction Temperature, Storage Temperature
TJ, TSTG
125, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Teat Conditions
Reverse Breakdown Voltage
V(BR)R
30
-
V
IR = 100µA
-
240
IF=0.1mA
-
320
IF=1mA
-
400
IF=10mA
-
500
IF=30mA
Forward Voltage
VF
-
1000
mV
IF=100mA
Peak Reverse Current
IR
-
2
µA
VR=25V
Reverse Recovery Time
tRR
-
5
ns
IF=10mA, IR=10mA~1mA
RL=100Ω
Capacitance between Terminals
CT
-
10
pF
VR=1V, f=1MHz
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05
1.25
F
1.50
1.70
B
0.10 REF.
G
2.60
2.80
C
1.05
1.15
H
3.55
3.85
D
0.45
0.65
J
0.50 REF.
E
0.08
0.15
L9


Similar Part No. - BAT54P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAT54P SECOS-BAT54P Datasheet
174Kb / 2P
Plastic-Encapsulate Diodes
logo
STMicroelectronics
BAT54P6FILM STMICROELECTRONICS-BAT54P6FILM Datasheet
163Kb / 13P
Small signal Schottky diodes
24-Jul-2006
logo
Vishay Siliconix
BAT54PBF VISHAY-BAT54PBF Datasheet
78Kb / 5P
Schottky Diode, 0.2 A
19-Sep-08
logo
Chenmko Enterprise Co. ...
BAT54PT CHENMKO-BAT54PT Datasheet
356Kb / 2P
SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
More results

Similar Description - BAT54P

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com