Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV70W
Description  Dual Chips Common Cathode Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV70W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAV70W_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV70W_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BAV70W_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
BAV70W
Dual Chips Common Cathode
Surface Mount Switching Diode
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Figure 1. Recovery Time Equivalent Test Circuit
Figure 2.
RS = 50 Ω
BAV70
IF
SAMPLING
OSCILLOSCOPE
RL = 50 Ω
tr
tp
I
10%
90%
VR
INPUT PULSE
+IF
trr
OUTPUT PULSE
10%OF
VR
100 W
RS = 50 Ω
BAV70
SAMPLING
OSCILLOSCOPE
RL = 50 Ω
1 KΩ
450 Ω
90%
10%
t
tr
tp
INPUT PULSE
V
VFR
OUTPUT PULSE
t
I
01-Jun-2004 Rev. B
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com