Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ITF87012SVT Datasheet(PDF) 3 Page - Intersil Corporation

Part # ITF87012SVT
Description  6A, 20V, 0.035 Ohm, N-Channel, 2.5V Specified Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ITF87012SVT Datasheet(HTML) 3 Page - Intersil Corporation

  ITF87012SVT Datasheet HTML 1Page - Intersil Corporation ITF87012SVT Datasheet HTML 2Page - Intersil Corporation ITF87012SVT Datasheet HTML 3Page - Intersil Corporation ITF87012SVT Datasheet HTML 4Page - Intersil Corporation ITF87012SVT Datasheet HTML 5Page - Intersil Corporation ITF87012SVT Datasheet HTML 6Page - Intersil Corporation ITF87012SVT Datasheet HTML 7Page - Intersil Corporation ITF87012SVT Datasheet HTML 8Page - Intersil Corporation ITF87012SVT Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. PEAK CURRENT CAPABILITY
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
6
8
50
75
100
125
150
0
25
TA, AMBIENT TEMPERATURE (
oC)
VGS = 2.5V, RθJA = 218.4
oC/W
VGS = 4.5V, RθJA = 62.5
oC/W
4
2
0.01
1
3
10-4
10-3
10-2
10-1
100
101
102
103
0.001
10-5
t, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
RθJA = 62.5
oC/W
0.1
10
100
500
1
10-4
10-3
10-2
10-1
100
101
102
103
10-5
t, PULSE WIDTH (s)
VGS = 4.5V
RθJA = 62.5
oC/W
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
TA = 25
oC
I = I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 2.5V
ITF87012SVT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com