Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20100ACT Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MBRF20100ACT
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MBRF20100ACT Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MBRF20100ACT Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MBRF20100ACT Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIP Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
MBRF20100ACT
■
Features
●
Low forward voltage drop
●
High frequency properties and switching speed
●
Guard ring for over-voltage protection
(7.00)
(0.70)
MAX1.47
#1
10.16 0.20
(1.00x45 )
2.54 0.20
0.80 0.10
9.40 0.20
2.76 0.20
0.35 0.10
ø3.18 0.10
2.54TYP
[2.54 0.20]
2.54TYP
[2.54 0.20]
0.50 +0.10
–0.05
TO-220F
Unit:mm
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Repetitive Reverse Voltage
VRRM
100
DC Reverse Voltage
VR
100
DC Forward Current
Tc = 105℃
IF(AV)
16
Peak forward surge current @ 60Hz Sine Half-Sine Wave
IFSM
140
Junction Temperature
TJ
150
Storage temperature range
Tstg
-65 to 150
℃
A
V
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VRM
100
V
IF= 8 A ,Tc=25℃
850
IF= 8 A ,Tc=125℃
740
Tc= 25℃
Tc=100℃
50
mA
Forward voltage (Note.1)
VF
mV
Reverse voltage leakage current (Note.1)
IR
Note.1: Pulse Test: Pulse Width=300μs, Duty Cycle=2%
1. Anode 2.Cathode 3. Anode
0.1
ID= 200uA


Similar Part No. - MBRF20100ACT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20100 MOTOROLA-MBRF20100 Datasheet
83Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
Micro Commercial Compon...
MBRF20100 MCC-MBRF20100 Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
MBRF20100 TSC-MBRF20100 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20100 TSC-MBRF20100 Datasheet
149Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF20100 LUGUANG-MBRF20100 Datasheet
214Kb / 2P
Isolated 20.0AMP. Schottky Barrier Rectifiers
More results

Similar Description - MBRF20100ACT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com