Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2GF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # S2GF
Description  Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

S2GF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  S2GF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd S2GF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd S2GF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Rectifier Diodes
S2AF ~S2MF
■
Features
●
For surface mounted applications
●
Low profile package
●
Glass Passivated Chip Juntion
●
Ideal for automated placement
●
Lead free in comply with EU RoHS 2011/65/EU directives
SOD-123F
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol S2AF S2BF S2DF S2GF S2JF S2KF S2MF
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
RMS Voltage
VRMS
35
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Forward Voltage @ IF=2A
VF
Averaged Forward Current.Ta=65℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Typical Junction Capacitance (Note.1)
Cj
pF
Typical Thermal Resistance
RθJA
℃
/W
Junction Temperature
Tj
Storage Temperature
Tstg
V
1.1
2
60
IR
150
-55 to 150
℃
A
5
50
30
μA
50
Note.1: Measured at 1MHz and applied reverse voltage of 4V D.C
1
2
Top View
Simplified outline SOD-123FL and symbol
■
Marking
NO.
S2AF
S2BF
S2DF
S2GF
S2JF
S2KF
S2MF
Marking
2A1
2A2
2A3
2A4
2A5
2A6
2A7


Similar Part No. - S2GF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2GF PANJIT-S2GF Datasheet
126Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Microdiode Semiconducto...
S2GF CHENDA-S2GF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2GF YFWDIODE-S2GF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S2GF JUXING-S2GF Datasheet
843Kb / 3P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2GF YFWDIODE-S2GF Datasheet
417Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - S2GF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com