Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6456GLFD Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F6456GLFD
Description  RENESAS MCU
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6456GLFD Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F6456GLFD Datasheet HTML 81Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 82Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 83Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 84Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 85Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 86Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 87Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 88Page - Renesas Technology Corp R5F6456GLFD Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 121 page
background image
R01DS0075EJ0120 Rev.1.20
Page 85 of 115
Aug 07, 2013
R32C/156 Group
5. Electrical Characteristics
Notes:
1.
Program/erase definition
This value represents the number of erasures per block.
When the number of program/erase cycles is n, each block can be erased n times.
For example, if a 4-word write is performed in 512 different addresses in the 4-Kbyte block A and
then the block is erased, this is counted as a single program/erase operation.
However, the same address cannot be written to more than once per erasure (overwrite disabled).
2.
Data retention includes periods when no supply voltage is applied and no clock is provided.
3.
This data retention includes 3000 hours in Ta = 125°C and 7000 hours in Ta = 85°C.
4.
Contact a Renesas Electronics sales office for data retention times other than the above condition.
Table 5.8
Electrical Characteristics of Flash Memory
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta = Topr, unless otherwise noted)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
—
Program/erase cycles (1)
Program area
1000
Cycles
Data area
10000
Cycles
—
4-word program time
Program area
150
900
µs
Data area
300
1700
µs
—
Lock bit program time
Program area
70
500
µs
Data area
140
1000
µs
—
Block erasure time
4-Kbyte block
0.12
3.0
s
32-Kbyte block
0.17
3.0
s
64-Kbyte block
0.20
3.0
s
—
Data retention (2)
Ta = 55°C (3, 4)
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com