Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC635 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC635
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC635 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC635_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC635_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BC635 / BC637 / BC639
NPN
General Purpose Transistor
25-Dec-2014 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Low frequency amplifier
High current transistors
CLASSIFICATION OF hFE
Product-Rank
BC635
BC637-16
BC639-16
Range
40~250
63~250
63~250
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
BC635
45
BC637
60
Collector to Base Voltage
BC639
VCBO
100
V
BC635
45
BC637
60
Collector to Emitter Voltage
BC639
VCEO
80
V
Emitter to Base Voltage
VEBO
5
V
Continuous Collector Current
IC
1
A
Collector Power Dissipation
PC
830
mW
Junction, Storage Temperature
TJ, TSTG
150, -65~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BC635
45
-
-
BC637
60
-
-
Collector to Emitter
Breakdown Voltage
BC639
V(BR)CEO
80
-
-
V
IC=10mA, IB=0
Collector Cut - Off Current
ICBO
-
-
0.1
μA
VCB=30V, IE=0
Emitter cut-off current
ICEO
-
-
0.1
μA
VEB=5V, IB=0
25
-
-
VCE=2V, IC=5mA
DC Current Gain
25
-
-
VCE=2V, IC=500mA
BC635
40
-
250
BC637-16
63
-
250
DC Current Gain
BC639-16
hFE
63
-
250
VCE=2V, IC=150mA
Collector to Emitter Saturation
Voltage
VCE(sat)
-
-
0.5
V
IC=500mA, IB=50mA
Base-emitter voltage
VBE
-
-
1
V
VCE=2V, IC=500mA
Transition frequency
fT
-
100
-
MHz
VCE=5V, IC=10mA, f=50MHz
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
Emitter
Collector
Base


Similar Part No. - BC635_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635-16 PHILIPS-BC635-16 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 23
BC635-16 NXP-BC635-16 Datasheet
152Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635-16 NXP-BC635-16 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BC635-16 PHILIPS-BC635-16 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
More results

Similar Description - BC635_15

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com