Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC847S
Description  NPN Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC847S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC847S_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC847S_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC847S_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
BC847S
NPN Silicon
Multi-Chip Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Typical Characteristics
Collector-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.05
0.1
0.15
0.2
0.25
0.3
I - COLLECTOR CURRENT (mA)
C
25 °C
- 40 °C
125 °C
β = 10
Typical Pulsed Current Gain
vs Collector Current
0.01
0.03
0.1
0.3
1
3
10
30
100
0
200
400
600
800
1000
1200
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5.0 V
CE
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
β = 10
25 °C
- 40 °C
125 °C
Base-Emitter ON Voltage vs
Collector Current
0.1
1
10
40
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
V
= 5.0 V
CE
25 °C
- 40 °C
125 °C
Contours of Constant Gain
Bandwidth Product (f )
0.1
1
10
100
1
2
3
5
7
10
I - COLLECTOR CURRENT (mA)
C
175 MHz
T
150 MHz
125 MHz
75 MHz
100 MHz
Normalized Collect or-Cutoff Curre nt
vs Ambient Temperature
25
50
75
100
125
150
1
10
100
1000
T - AMBIE NT TEMP ERATURE ( C)
A
°
01-Jan-2006 Rev. B
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com