Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BC856A
Description  Elektronische Bauelemente
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC856A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BC856A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC856A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC856A_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Any changing of specification will not be informed individual
BC856A, B
BC857A, B, C
BC858A, B, C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Typical Characteristics
BC857, BC858
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
−0.2
0.2
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base-Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
−0.6
−0.7
−0.8
−0.9
−1.0
−0.5
0
−0.2
−0.4
−0.1
−0.3
1.6
1.2
2.0
2.8
2.4
−1.2
−1.6
−2.0
−0.02
−1.0
−10
0
−20
−0.1
−0.4
−0.8
1.5
1.0
0.7
0.5
0.3
−0.2
−10
−100
−1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = −10 V
VCE = −10 V
TA = 25°C
−55°C to +125°C
IC = −100 mA
IC = −20 mA
−0.5 −1.0 −2.0
−5.0 −10
−20
−50 −100 −200
−0.1 −0.2
−0.5 −1.0 −2.0
−5.0
−10 −20
−50 −100
IC = −200 mA
IC = −50 mA
IC =
−10 mA
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current-Gain - Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
−0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
−0.5
TA = 25°C
Cob
Cib
−0.6
−1.0
−2.0
−4.0 −6.0
−10
−20 −30 −40
150
−1.0
−2.0 −3.0
−5.0
−10
−20 −30
−50
VCE = −10 V
TA = 25°C
TA = 25°C
1.0
01-Jun-200
4 Rev. B
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com