Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF1AS Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # GF1AS
Description  GPP SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

GF1AS Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  GF1AS Datasheet HTML 1Page - Yea Shin Technology Co., Ltd GF1AS Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SOD-123S
0.014(0.35)
MIN
0.112(2.85)
0.047(1.20)
0.100(2.55)
MAX
0.152(3.85)
0.140(3.55)
Unit:inch(mm)
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20150105
GF1AS THRU GF1MS
VOLTAGE
50 to 1000 Volts
1.0 Amperes
CURRENT
GPP SURFACE MOUNT RECTIFIER
FEATURES
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Chip Junction
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Terminals: Solderable per MIL-STD-750, Method 2026
Case:SOD-123S,Molded Plastic over passivated junction
NOTES:
1.Pulse test: 300u pulse width, 1% duty cycle.
2.Soldering land: 6mm x 6mm
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
S
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
A1
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
V
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
tl
o
V
S
M
R
m
u
m
i
x
a
M
V
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
)
1
e
t
o
N
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
I
(
F)
V
A
0
.
1A
)
e
v
it
it
e
p
e
r
-
n
o
n
(
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
r
u
s
e
l
c
y
c
e
n
o
k
a
e
P
I
M
S
F
)
z
H
0
6
(
0
3A
A
0
.
1
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
1
.
1V
T
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
A
5
2
= O C
T
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
A
5
2
1
=
O
C
I
R
0
1
0
5
A
u
z
H
M
,
V
4
t
a
e
c
n
a
ti
c
a
p
a
c
n
o
it
c
n
u
J
l
a
c
i
p
y
T
C
J
4F
p
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
5
6
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
it
a
r
e
p
O
e
g
n
a
R
T
J T
,
G
T
S
0
5
1
+
O
T
5
5
-
O
C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
GF1AS
GF1BS
GF1DS
GF1GS
GF1JS
GF1KS
GF1MS
A2
A3
A4
A5
A6
A7
H


Similar Part No. - GF1AS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GF1AS LUGUANG-GF1AS Datasheet
355Kb / 2P
GPP SURFACE MOUNT RECTIFIER
logo
Bytesonic Electronics C...
GF1AS BYTESONIC-GF1AS Datasheet
509Kb / 2P
1.0 AMP SILICON RECTIFIERS
Version 1.6 2019/06/18
More results

Similar Description - GF1AS

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RC30S01G SSE-RC30S01G Datasheet
17Kb / 1P
SILICON GPP CELL RECTIFIER
logo
WILLAS ELECTRONIC CORP
SMBJ WILLAS-SMBJ Datasheet
648Kb / 5P
600W SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
GF1AS LUGUANG-GF1AS Datasheet
355Kb / 2P
GPP SURFACE MOUNT RECTIFIER
logo
Yea Shin Technology Co....
FF1AS YEASHIN-FF1AS Datasheet
734Kb / 5P
GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
G1A YEASHIN-G1A Datasheet
136Kb / 2P
GPP SUR FACE MOUNT RECTIFIER
G2A YEASHIN-G2A Datasheet
279Kb / 2P
GPP SUR FACE MOUNT RECTIFIER
logo
Bytesonic Electronics C...
FF1AS BYTESONIC-FF1AS Datasheet
284Kb / 3P
GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
Version 1.5 2019/6/18
logo
Rectron Semiconductor
SDR11 RECTRON-SDR11 Datasheet
389Kb / 6P
GPP SNUBBER DAMPING RECTIFIER
P4FMAF RECTRON-P4FMAF Datasheet
152Kb / 9P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJXX RECTRON-P4SMAJXX Datasheet
181Kb / 9P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com