Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # R2A
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

R2A Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  R2A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd R2A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
R2 A THRU R2 M
AMBIENT TEMPERATURE, C
O
SINGLE PGASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.5mm LEAD LENGTHS
2.4
2.0
1.6
1.2
0.8
0.4
0
55
http://www.yeashin.com
2
REV.02 20150105
150



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com