Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS16-3
Description  Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS16-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS16-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS16-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAS16-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
1
2
3
5
10
20 30
50
100
110
120
130
140
150
Reverse Current, IR [uA]
Ta= 25°C
Ta= 25°C
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
10
20
30
50
70
100
0
50
100
150
200
250
300
Reverse Voltage, VR [v]
225
1
2
3
5
10
20 30
50
100
250
300
350
400
450
Forward Current, IF [uA]
F
485 Ta= 25°C
0.1
0.2 0.3 0.5
1
2
3
5
10
450
500
550
600
650
700
Forward Current, IF [mA]
725 Ta= 25°C
Figure 1. Reverse Voltage vs Reverse Current
BV - 1.0 to 100 uA
Figure 2. Reverse Current vs Reverse Voltage
IR - 10 to 100 V
Figure 3. Forward Voltage vs Forward Current
VF - 1.0 to 100 uA
Figure 4. Forward Voltage vs Forward Current
VF - 0.1 to 10 mA
10
20 30
50
100
200 300 500
0.6
0.8
1
1.2
1.4
Forward Current, IF [mA]
1.5
Ta= 25°C
0
2
4
6
8
10
12
14
1
1.1
1.2
1.3
Reverse Voltage [V]
Ta= 25°C
15
Figure 5. Forward Voltage vs Forward Current
VF - 10 - 800 mA
Figure 6. Total Capacitance
■
Typical Characteristics
BAS16 (KAS16)
Switching Diodes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com