Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS29-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS29-3
Description  Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS29-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS29-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS29-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAS29-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BAS29-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Switching Diodes
BAS29/BAS31/BAS35 (KAS29/KAS31/KAS35)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
90
VF1
IF= 10 mA
0.75
VF2
IF= 50 mA
0.84
VF3
IF= 100 mA
0.9
VF4
IF= 200 mA
1
VF5
IF= 400 mA
1.25
IR1
VR= 90 V
100
nA
IR2
VR= 90 V,TJ = 150℃
100
uA
Junction capacitance
Cj
VR= 0 V, f= 1 MHz
35
pF
Reverse recovery time
trr
IF=IR=30mA,RL=100Ω
50
ns
Forward voltage
V
Reverse voltage leakage current
■
Marking
NO.
BAS29
BAS31
BAS35
Marking
L20
L21
L22
■
Typical Characterisitics
Device mounted on an FR4 printed-circuit board.
(1) Single diode loaded.
(2) Double diode loaded.
Fig.2 Maximum permissible continuous forward
current as a function of ambient temperature.
0
0
1
0
(1)
(2)
200
300
200
0
100
Tamb (
oC)
IF
(mA)
Fig.3 Forward current as a function of
forward voltage.
handbook, halfpage
2
0
600
0
200
400
1
IF
(mA)
VF (V)
(1)
(2)
(3)
(1) Tj = 150 °C; typical values.
(2) Tj = 25 °C; typical values.
(3) Tj = 25 °C; maximum values.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com