Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS29 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS29
Description  Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS29 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS29 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS29 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAS29 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BAS29 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Switching Diodes
BAS29/BAS31/BAS35 (KAS29/KAS31/KAS35)
■
Features
●
Switching speed: max. 50 ns
●
General application
●
Continuous reverse voltage: max. 90 V
●
Repetitive peak reverse voltage: max. 110 V
●
Repetitive peak forward current: max. 600 mA
BAS31 diode.
.
e
d
o
i
d
5
3
S
A
B
.
e
d
o
i
d
9
2
S
A
B
1
2
3
1
2
3
1
2
n.c.
3
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Repetitive Peak Reverse Voltage
VRRM
110
Continuous Reverse Voltage
VR
90
Forward Current -Single Diode Loaded
250
-Double Diode Loaded
150
Repetitive Peak Forward Current
IFRM
600
Repetitive Peak Reverse Current
IRRM
600
@ t=1us
10
Non- Repetitive Peak Forward Current @ t=100us
4
@ t=1s
0.75
Power Dissipation
Pd
250
mW
Repetitive Peak Reverse Energy
tp ≥ 50 us ; f ≤ 20 Hz; Tj = 25 °C
Thermal Resistance Junction to Ambient
RθJA
500
Thermal Resistance Junction to Case
RθJC
360
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-65 to 150
℃
mA
V
IF
IFSM
A
ERRM
5
mJ
℃
/W
●
Repetitive peak reverse current: max. 600 mA.
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02


Similar Part No. - BAS29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS29 PHILIPS-BAS29 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
logo
Jinan Gude Electronic D...
BAS29 JGD-BAS29 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
logo
TRANSYS Electronics Lim...
BAS29 TEL-BAS29 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
logo
Guangdong Kexin Industr...
BAS29 KEXIN-BAS29 Datasheet
79Kb / 4P
General Purpose Controlled Avalanche Diodes
More results

Similar Description - BAS29

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com