Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB939-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AB939-R
Description  RS232 Empty Housing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AB939-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AB939-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AB939-R
rev00
07.03.06
RS232 Empty Housing
for Self Assembly, 25-pin, metal
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±0.3
±X
±X
±X°
±X°
Material:
• Hood: ABS thermoplastic UL94V-0
• Screwlock: Brass, 100 ” min. Nickel plated
• Shell type: Nickel plate metalized
Note: Male to Male type not need add nut.


Similar Part No. - AB939-R

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
AB910W MULTICOMP-AB910W Datasheet
178Kb / 1P
Plastic Multipurpose Enclosure
03/06/21 V1.0
logo
Assmann Electronics Inc...
AB915 ASSMANN-AB915 Datasheet
69Kb / 1P
D-Sub 9-Pin Female to D-Sub 25-pin Female
AB946 ASSMANN-AB946 Datasheet
317Kb / 1P
WIRING BOX DB25 MALE-DB25 FEMALE
AB961 ASSMANN-AB961 Datasheet
122Kb / 1P
DIN 5 Pin Male - MINI Din 6 Pin Female
AB972 ASSMANN-AB972 Datasheet
95Kb / 1P
ASS 7208 CA
More results

Similar Description - AB939-R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67206F ATMEL-M67206F_14 Datasheet
77Kb / 5P
Empty Flag Parasitic Pulse
M672061F ATMEL-M672061F_14 Datasheet
77Kb / 5P
Empty Flag Parasitic Pulse
M67206H ATMEL-M67206H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
logo
List of Unclassifed Man...
1696 ETC2-1696 Datasheet
523Kb / 1P
RS232 interface
logo
PHOENIX CONTACT
1212628 PHOENIX-1212628 Datasheet
43Kb / 2P
Toolbox - TOOL-CASE EMPTY
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
WAGO Kontakttechnik Gmb...
2042-321 WAGO-2042-321 Datasheet
265Kb / 6P
Empty component plug housing; 4-pole; transparent housing; with fiber optics
25.11.2021
2042-331 WAGO-2042-331 Datasheet
291Kb / 6P
Empty component plug housing; 6-pole; transparent housing; with fiber optics
24.11.2021
2042-341 WAGO-2042-341 Datasheet
270Kb / 6P
Empty component plug housing; 8-pole; transparent housing; with fiber optics
24.11.2021
2042-351 WAGO-2042-351 Datasheet
279Kb / 6P
Empty component plug housing; 10-pole; transparent housing; with fiber optics
24.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com