Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAN212K-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # DAN212K-3
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

DAN212K-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  DAN212K-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd DAN212K-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Switching Diodes
DAN212K (KAN212K)
■
Typical Characterisitics
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
0
100 200 300 400 500 600 700 800 900 1000
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
0.01
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
Ta=150℃
0.1
1
10
0
5
10
15
20
f=1MHz
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISPERSION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(ms)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
ESD DISPERSION MAP
900
910
920
930
940
950
AVE:921.7m
Ta=25℃
IF=100mA
n=30pcs
0
10
20
30
40
50
60
70
80
90
100
Ta=25℃
VR=80V
n=30pcs
AVE:9.655nA
0
5
10
15
20
AVE:3.50A
8.3ms
Ifsm
1cyc
AVE:1.93ns
Ta=25℃
VR=6V
IF=5mA
RL=50Ω
n=10pcs
0
1
2
3
4
5
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
1
10
100
0.1
1
10
100
t
Ifsm
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
1ms
IM=100mA
IF=10A
300us
time
Mounted on epoxy board
Rth(j-c)
Rth(j-a)
C=100pF
R=1.5kΩ
C=200pF
R=0Ω
AVE:0.97kV
AVE:2.54kV
0
1
2
3
4
5
6
7
8
9
10
AVE:1.17pF
Ta=25℃
VR=6V
f=1MHz
n=10pcs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com