Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR104F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FR104F
Description  Fast Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FR104F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FR104F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FR104F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Fast Recovery Diodes
FR101F~FR107F
■
Features
●
Glass passivated device
●
Ideal for surface mouted applications
●
Low reverse leakage
●
Metallurgically bonded construction
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
FR
101F
FR
102F
FR
103F
FR
104F
FR
105F
FR
106F
FR
107F
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
RMS Voltage
VRMS
35
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Forward Voltage at 1.0A
VF
Averaged Forward Current.Ta=65℃ (Note.1)
IFAV
Peak Forward Surge Current TL=25℃
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Reverse recovery time
(Note.2)
trr
250
ns
Typical Junction Capacitance (Note.3)
Cj
pF
Typical Thermal Resistance (Note.4)
RθJA
℃
/W
Junction Temperature
Tj
Storage Temperature
Tstg
180
150
-55 to 150
℃
A
5
50
4
μA
150
500
IR
V
1.3
1
20
Note.1: Averaged over any 20ms period.
Note.2: Measured with IF=0.5A, IR=1A, Irr=0.25A.
Note.3: Measured at 1MHz and applied reverse voltage of 4.0V D.C.
Note.4: Thermal resistance junction to ambient, 6.0 mm2 coppeer pads to each terminal.
■
Marking
NO.
FR101F FR102F FR103F FR104F FR105F FR106F
FR107F
Marking
F1
F2
F3
F4
F5
F6
F7
SOD-123F
2.8 ± 0.1
Cathode Band
Top View
3.7 ± 0.2
0.6 ± 0.25
Unit:mm


Similar Part No. - FR104F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FR104FH KEXIN-FR104FH Datasheet
1Mb / 4P
Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
FR104FL PJSEMI-FR104FL Datasheet
1Mb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results

Similar Description - FR104F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
FAST RECOVERY DIODES
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
Fast Recovery Diodes
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
Fast Recovery Diodes
logo
Guangdong Kexin Industr...
RS1AFH KEXIN-RS1AFH Datasheet
1Mb / 4P
Fast Recovery diodes
logo
Nell Semiconductor Co.,...
40FDR NELLSEMI-40FDR Datasheet
617Kb / 6P
Fast Recovery Diodes
85FDR NELLSEMI-85FDR Datasheet
647Kb / 6P
Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com